Part Number Hot Search : 
4076B ML2264 C7534 151MELA MRF837 GO15N1 VV10Z2PN AT89C5
Product Description
Full Text Search
 

To Download MAL216353151E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  162/163 pll-pw www.vishay.com vishay bccomponents revision: 12-apr-13 1 document number: 28347 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 aluminum capacitors power long life printed wiring fig. 1 features ? polarized aluminum electrolytic capacitors, non-solid electrolyte ? large types, minimized dimensions, cylindrical aluminum case, insulated with a blue sleeve ? provided with keyed polarity ? very long useful life: 5000 h at 105 c ? low esr, high rippl e current capability ? temperature range up to 105 c ? high resistance to shock and vibration ? compliant to rohs directive 2011/65/eu applications ? computer, telecommunicati on and industrial systems ? smoothing and filtering ? standard and switched mode power supplies ? energy storage in pulse systems marking the capacitors are marked (where possible) with the following information: ? rated capacitance (in f) ? tolerance on rated capacitance, code letter in accordance with iec 60062 (m for 20 %) ? rated voltage (in v) ? date code (yymm) ? name of manufacturer ? code for factory of origin ? polarity of the terminals and - sign to indicate the negative terminal, visible from the top and/or side of the capacitor ? code number ? climatic category in accordance with iec 60068 quick reference data description value 162 163 nominal case size (? d x l in mm) 25 x 30 to 40 x 100 rated capacitance range (e6?series), c r 470 f to 150 000 f 68 f to 3300 f tolerance on c r 20 % rated voltage range, u r 10?v to 100?v 200?v to 400 v category temperature ra nge - 40 c to + 105 c endurance test at 105 c 2000?h useful life at 105 c 5000?h useful life at 40 c, ? 1.9 x i r applied 150 000?h shelf life at 0 v, 105 c 500?h based on sectional speci fication iec?60384-4/en130300 climatic category iec?60068 40/105/56 high ripple current 85 c 050/052 ped-pw 051/053 pec-pw equivalent 85 c 162/16 3 pll-pw selection chart for c r , u r , and relevant nominal case sizes for 162 series (? d x l in mm) c r (f) u r (v) 10 16 25 40 63 100 470 - - - - - 25 x 30 680 - - - - - 25 x 40 1000 - - - - 25 x 30 30 x 40 1500 - - - - 25 x 40 35 x 40 2200 - - - 25 x 30 30 x 40 35 x 50 - - - - - 40 x 40 3300 - - - 25 x 40 35 x 40 40 x 50 4700 - - 25 x 30 30 x 40 35 x 50 40 x 70 - - - - 40 x 40 - 6800 - 25 x 30 25 x 40 35 x 40 40 x 50 40 x 100 10 000 25 x 30 25 x 40 30 x 40 35 x 50 40 x 70 - ---40 x 40-- 15 000 25 x 40 30 x 40 35 x 40 40 x 50 40 x 100 - 22 000 30 x 40 35 x 40 35 x 50 40 x 70 - - - - 40 x 40 - - - 33 000 35 x 40 35 x 50 40 x 50 40 x 100 - - - 40 x 40 - - - - 47 000 35 x 50 40 x 50 40 x 70 - - - 40 x 40 - - - - - 68 000 40 x 50 40 x 70 40 x 100 - - - 100 000 40 x 70 40 x 100 - - - - 150 000 40 x 100 - - - - -
162/163 pll-pw www.vishay.com vishay bccomponents revision: 12-apr-13 2 document number: 28347 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dimensions in millimeters and available forms fig. 2 - printed wiring pin version (case ? d = 25 mm) fig. 3 - mounting hole diagram viewed from component side (case ? d = 25 mm) fig. 4 - printed wiring pin version (case ? d = 30 mm) fig. 5 - mounting hole diagram viewed from component side (case ? d = 30 mm) selection chart for c r , u r , and relevant nominal case sizes for 163 series (? d x l in mm) c r (f) u r (v) 200 250 385 400 68 - - 25 x 30 25 x 30 100 - 25 x 30 25 x 40 25 x 40 150 25 x 30 25 x 40 30 x 40 30 x 40 220 25 x 40 30 x 40 35 x 40 35 x 40 330 30 x 40 35 x 40 35 x 50 35 x 50 - - 40 x 40 40 x 40 470 35 x 40 35 x 50 40 x 50 40 x 50 - 40 x 40 - - 680 35 x 50 40 x 50 40 x 70 40 x 70 40 x 50 - - - 1000 40 x 50 40 x 70 40 x 100 40 x 100 1500 40 x 70 40 x 100 - - 2200 40 x 100 - - - - 4.9 0.2 ? d + 1 max. l + 5 max. l - 10 0.1 12.5 0.1 1.3 (3 x) 2.5 4.9 0.2 - ? d + 1 max. l + 5 max. l - 17.5 0.1 7.5 0.1 1.3 (4 x) 15 0.1 2.5
162/163 pll-pw www.vishay.com vishay bccomponents revision: 12-apr-13 3 document number: 28347 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 6 - printed wiring pin version (case ? d = 35 mm) fig. 7 - mounting hole diagram viewed from component side (case ? d = 35 mm) fig. 8 - printed wiring pin version (case ? d = 40 mm) fig. 9 - mounting hole diagram viewed from component side (case ? d = 40 mm) table 1 mounting when a number of capacitors are connected in a bank, they must no t be closer together than 15 mm, when no derating of ripple current and/or temperature is applied. pin numbers 2, 3 and 4 (if present) sh ould be free from the electrical circui t or connected to the minus terminal. 1 2 3 - l + 5 max. 4.9 0.2 l ? d + 1 max. - 17.5 0.1 7.5 0.1 1.3 (4 x) 15 0.1 2.5 l 1 4 - 3 2 l + 5 max. 4.9 0.2 ? d + 1 max. 1 2 3 4 - 20 0.1 1.3 (5 x) 10 0.1 17.5 0.1 20 0.1 2.5 dimensions in millimeters, mass and packaging quantities pw versions nominal case size ? d x l ? d max. l max. mass (g) packaging quantities (units per box) cardboard box dimensions l x w x h 25 x 30 26 35 ? 24 100 290 x 280 x 50 25 x 40 26 45 ? 28 100 290 x 280 x 60 30 x 40 31 45 ? 38 100 340 x 330 x 60 35 x 40 36 45 ? 51 50 390 x 198 x 60 35 x 50 36 55 ? 66 50 390 x 198 x 70 40 x 40 41 45 ? 78 50 440 x 223 x 60 40 x 50 41 55 ? 82 50 440 x 223 x 70 40 x 70 41 75 ? 110 25 230 x 230 x 90 40 x 100 41 105 ? 176 25 230 x 230 x 120
162/163 pll-pw www.vishay.com vishay bccomponents revision: 12-apr-13 4 document number: 28347 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? unless otherwise specified, all elec trical values in tables 2 and 3 apply at t amb = 20 c, p = 86 kpa to 106 kpa, rh = 45 % to 75 % ordering example electrolytic capacitor 162 series 10 000 f/25 v; 20 % nominal case size: ? 30 mm x 40 mm ordering code: mal2 16256103e3 ? former 12nc: 2222 16256103 table 2 electrical data symbol description c r rated capacitance at 100 hz i r rated rms ripple current at 100 hz and 105 c i l1 max. leakage current after 1 min at u r i l5 max. leakage current after 5 min at u r esr max. equivalent series resistance at 100 hz z max. impedance at 10 khz electrical data and ordering information for 162 series u r (v) c r 100 hz (f) nominal case size ? d x l (mm) i r 100 hz 105 c (a) i l1 1 min (ma) i l5 5 min (ma) esr 100 hz (m ? ) z 10 khz (m ? ) ordering code mal2162....... 10 10 000 25 x 30 3.17 0.60 0.20 48 37 54103e3 15 000 25 x 40 4.21 0.90 0.30 34 27 54153e3 22 000 30 x 40 5.05 1.32 0.44 29 23 54223e3 33 000 35 x 40 5.63 1.98 0.66 27 22 54333e3 47 000 35 x 50 6.19 2.82 0.94 26 21 54473e3 47 000 40 x 40 6.19 2.82 0.94 26 21 44473e3 68 000 40 x 50 7.64 4.08 1.36 21 18 54683e3 100 000 40 x 70 10.0 6.00 2.00 16 15 54104e3 150 000 40 x 100 12.9 9.00 3.00 13 12 54154e3 16 6800 25 x 30 3.11 0.65 0.22 50 37 55682e3 10 000 25 x 40 4.09 0.96 0.32 36 27 55103e3 15 000 30 x 40 4.97 1.44 0.48 30 23 55153e3 22 000 35 x 40 5.53 2.12 0.71 29 22 55223e3 33 000 35 x 50 6.08 3.17 1.06 28 21 55333e3 33 000 40 x 40 6.08 3.17 1.06 28 21 45333e3 47 000 40 x 50 7.46 4.52 1.51 22 18 55473e3 68 000 40 x 70 9.70 6.53 2.18 17 15 55683e3 100 000 40 x 100 12.90 9.60 3.20 13 12 55104e3 25 4700 25 x 30 2.94 0.71 0.24 56 37 56472e3 6800 25 x 40 3.93 1.02 0.34 39 27 56682e3 10 000 30 x 40 4.81 1.50 0.50 32 23 56103e3 15 000 35 x 40 5.43 2.25 0.75 30 22 56153e3 22 000 35 x 50 5.98 3.30 1.10 29 21 56223e3 22 000 40 x 40 5.98 3.30 1.10 29 21 46223e3 33 000 40 x 50 7.30 4.95 1.65 23 18 56333e3 47 000 40 x 70 9.43 7.05 2.35 18 15 56473e3 68 000 40 x 100 12.44 10.20 3.40 14 12 56683e3 40 2200 25 x 30 2.36 0.53 0.18 87 54 57222e3 3300 25 x 40 3.17 0.79 0.27 60 38 57332e3 4700 30 x 40 3.93 1.13 0.38 48 33 57472e3 6800 35 x 40 4.59 1.63 0.55 42 31 57682e3 10 000 35 x 50 5.03 2.40 0.80 41 29 57103e3 10 000 40 x 40 5.03 2.40 0.80 41 29 47103e3 15 000 40 x 50 6.09 3.60 1.20 33 24 57153e3 22 000 40 x 70 8.34 5.28 1.76 23 18 57223e3 33 000 40 x 100 10.97 7.92 2.64 18 15 57333e3 63 1000 25 x 30 1.55 0.38 0.13 202 155 58102e3 1500 25 x 40 2.10 0.57 0.19 137 109 58152e3 2200 30 x 40 2.72 0.83 0.28 100 79 58222e3 3300 35 x 40 3.44 1.25 0.42 75 61 58332e3 4700 35 x 50 4.09 1.78 0.60 62 53 58472e3 4700 40 x 40 4.09 1.78 0.60 62 53 48472e3 6800 40 x 50 5.10 2.57 0.86 47 40 58682e3 10 000 40 x 70 6.86 3.78 1.26 34 29 58103e3 15 000 40 x 100 9.31 5.67 1.89 25 21 58153e3 100 470 25 x 30 1.42 0.28 0.10 240 155 59471e3 680 25 x 40 1.90 0.41 0.14 167 109 59681e3 1000 30 x 40 2.48 0.60 0.20 120 79 59102e3 1500 35 x 40 3.17 0.90 0.30 88 61 59152e3 2200 35 x 50 3.79 1.32 0.44 72 53 59222e3 2200 40 x 40 3.79 1.32 0.44 72 53 49222e3 3300 40 x 50 4.81 1.98 0.66 53 40 59332e3 4700 40 x 70 6.49 2.82 0.94 38 29 59472e3 6800 40 x 100 8.80 4.08 1.36 28 21 59682e3
162/163 pll-pw www.vishay.com vishay bccomponents revision: 12-apr-13 5 document number: 28347 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 table 3 electrical data and ordering information for 163 series u r (v) c r 100 hz (f) nominal case size ? d x l (mm) i r 100 hz 105 c (a) i l1 1 min (ma) i l5 5 min (ma) esr 100 hz (m ? ) z 10 khz (m ? ) ordering code mal2163....... 200 150 25 x 30 0.72 0.18 0.06 950 710 52151e3 220 25 x 40 0.96 0.26 0.09 650 485 52221e3 330 30 x 40 1.29 0.40 0.14 442 330 52331e3 470 35 x 40 1.66 0.57 0.19 321 240 52471e3 680 35 x 50 2.09 0.82 0.28 237 185 52681e3 680 40 x 40 2.09 0.82 0.28 237 185 42681e3 1000 40 x 50 2.71 1.20 0.40 167 133 52102e3 1500 40 x 70 3.75 1.80 0.60 114 90 52152e3 2200 40 x 100 5.24 2.64 0.88 79 62 52222e3 250 100 25 x 30 0.67 0.15 0.05 1060 710 53101e3 150 25 x 40 0.92 0.22 0.08 710 485 53151e3 220 30 x 40 1.28 0.33 0.11 492 330 53221e3 330 35 x 40 1.65 0.49 0.17 325 240 53331e3 470 35 x 50 2.01 0.70 0.24 256 185 53471e3 470 40 x 40 2.01 0.70 0.24 256 185 43471e3 680 40 x 50 2.59 1.02 0.34 182 133 53681e3 1000 40 x 70 3.58 1.50 0.50 125 90 53102e3 1500 40 x 100 5.05 2.25 0.75 85 62 53152e3 385 68 25 x 30 0.61 0.16 0.06 1650 1260 58689e3 100 25 x 40 0.82 0.23 0.08 1120 855 58101e3 150 30 x 40 1.10 0.35 0.12 755 580 58151e3 220 35 x 40 1.44 0.51 0.17 525 405 58221e3 330 35 x 50 1.84 0.77 0.26 360 280 58331e3 330 40 x 40 1.84 0.77 0.26 360 280 48331e3 470 40 x 50 2.37 1.09 0.36 260 205 58471e3 680 40 x 70 3.24 1.58 0.53 180 140 58681e3 1000 40 x 100 4.54 2.31 0.78 125 100 58102e3 400 68 25 x 30 0.39 0.16 0.06 3200 2660 56689e3 100 25 x 40 0.53 0.24 0.08 2180 1810 56101e3 150 30 x 40 0.72 0.36 0.12 1460 1210 56151e3 220 35 x 40 0.94 0.52 0.17 1010 830 56221e3 330 35 x 50 1.24 0.79 0.26 680 570 56331e3 330 40 x 40 1.24 0.79 0.26 680 570 46331e3 470 40 x 50 1.59 1.12 0.37 485 407 56471e3 680 40 x 70 2.18 1.63 0.54 336 282 56681e3 1000 40 x 100 3.07 2.40 0.80 230 193 56102e3 additional electrical data parameter conditions value voltage surge voltage ? 200 v versions u s = 1.15 x u r ? 385 v versions u s = 1.1 x u r reverse voltage u rev ? 1 v current leakage current after 1 min at u r i l1 ? 0.006 c r x u r + 4 a after 5 min at u r i l5 ? 0.002 c r x u r + 4 a inductance equivalent series inductance (esl) case ? d = 25 mm max. 25 nh case ? d = 30 mm and 35 mm max. 30 nh case ? d = 40 mm max. 35 nh
162/163 pll-pw www.vishay.com vishay bccomponents revision: 12-apr-13 6 document number: 28347 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ripple current and useful life fig. 10 - multiplier of useful life as a function of ambient temperature and ripple current load table 4 multiplier of ripple current (i r ) as a function of frequency frequency (hz) i r multiplier u r = 10 v to 25 v u r = 40 v to 100 v u r = 200 v to 400 v 50 0.93 0.91 0.86 100 1.00 1.00 1.00 200 1.04 1.05 1.13 400 1.07 1.09 1.21 1000 1.11 1.13 1.29 2000 1.13 1.15 1.32 4000 1.15 1.18 1.35 ? 10 000 1.18 1.22 1.40 1.3 1.2 1.1 1.0 0.8 0.5 0.0 t amb (c) 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 (1) 2.4 2.5 2.6 2.7 2 7 i a i r life multiplier 1 1.2 1.5 2.5 3 4 5 10 15 20 30 40 60 100 150 200 300 400 600 100 110 40 90 80 70 60 50 i a = actual ripple current at 100 hz i r = rated ripple current at 100 hz and 105 c (1) u s eful life at 105 c and i r applied: 5000 h m g a454
162/163 pll-pw www.vishay.com vishay bccomponents revision: 12-apr-13 7 document number: 28347 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 table 5 test procedures and requirement test procedure (quick reference) requirements name of test reference endurance iec 60384-4/ en130300 subclause 4.13 t amb = 105 c; u r applied; ? 2000 h u r ? 100 v; ? c/c: 15 % u r > 100 v; ? c/c: 10 % esr ? 1.3 x spec. limit z ? 2 x spec. limit i l5 ? spec. limit useful life cecc 30301 ? subclause 1.8.1 t amb = 105 c; u r and i r applied; ? 5000 h u r ? 100 v; ? c/c: 45 % u r > 100 v; ? c/c: 30 % esr ? 3 x spec. limit z ?? 3 x spec. limit i l5 ? spec. limit no short or open circuit, ? no visible damage total failure percentage: ? u r ? 100 v: ?? 1 %; ? u r > 100 v: ? 3 % shelf life ? (storage at ? high temperature) iec 60384-4/ ? en130300 ? subclause 4.17 t amb = 105 c; no voltage applied; ? 500 h after test: u r to be applied for 30 min, 24 h to 48 h before measurement ? c/c: 10 % esr ? 1.2 x spec. limit i l5 ? 2 x spec. limit
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of MAL216353151E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X